Part Number Hot Search : 
10R0J IW4025BD 82000 MUN5234 T45DB 2N341 F5N60 1B150
Product Description
Full Text Search
 

To Download BAT54S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE
Schottky Barrier Diode
These Schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand held and portable applications where space is limited. * Extremely Fast Switching Speed * Low Forward Voltage-0.35 Volts (Typ) @ IF=10mAdc
3 ANODE CATHODE 2 3 CATHODE/ANODE
BAT54S
1 2
1
SOT-23
MAXIMUM RATINGS (TJ=125 C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ TA=25oC Derate above 25oC Operating Junction Temperature Range Storage Temperature Range Symbol VR PF TJ TSTG Value 30 225 1.8 -55 to +125 -55 to +150 Unit Volts mW o mW / C
o o
o
C C
DEVICE MARKING BAT54S=LD3 ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Characteristic Symbol Min. Typ. Max. Unit
o
OFF CHARACTERISTICS
Reverse Breakdown Voltage ( IR=10 uAdc ) ( IF=0.1 mAdc ) ( IF=1.0 mAdc ) ( IF=10 mAdc ) ( IF=30 mAdc ) ( IF=100 mAdc ) V(BR) 30 0.22 0.29 0.35 0.41 0.52 0.5 7.6 0.24 0.32 0.40 0.50 1.0 2.0 10 Volts
Forward Voltage
VF
Vdc
Reverse Leakage ( VR=25 Vdc ) Diode Capacitance ( VR=1.0, f=1.0MHZ ) Reverse Recovery Time ( IF=IR=10 mAdc, IR(REC)=1.0mAdc )
IR
uAdc pF
CJ trr
-
-
5.0
nS
REV. : 0
Zowie Technology Corporation
Zowie Technology Corporation
BAT54S
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT 820 +10 V 2k 100uH 0.1uF D.U.T. OUTPUT PULSE GENERATOR 50 50 INPUT SAMPLING OSCILLOSCOPE 90% VR INPUT SIGNAL IR iR(REC) = 1mA OUTPUT PULSE (I F = I R = 10 mA; measured at iR(REC) = 1mA IF 0.1uF IF trr T
tr 10%
tp
T
Notes: 1. A 2.0k variable resistor adjusted for a Forward Current (IF) of 10mA. 2. Input pulse is adjusted so IR(peak) is equal to 10mA. 3. tp trr
FIGURE 2. FORWARD VOLTAGE
100 1000 125 C 85 C 10
o o
FIGURE 3. LEAKAGE CURRENT
IF, FORWARD CURRENT ( mA )
IR, REVERSE CURRENT ( uA )
C TA=150
100
TA=125 C
o
o
10 1.0
o 0C
TA=85 C
o
1.0
15
-55 C
o
0.1 0.01
o
-40 o C
25 o C
TA=25 C
0.1 0.0
0.001 0.1 0.2 0.3 0.4 0.5 0.6 0 5 10 15 20 25 30
VF, FORWARD VOLTAGE ( VOLTS )
VR, REVERSE VOLTAGE ( VOLTS )
FIGURE 4. TOTAL CAPACITANCE
14
CT, TOATAL CAPACITANCE ( pF )
12 10 8 6 4 2 0 0 5 10 15 20 25 30
VR, REVERSE VOLTAGE ( VOLTS )
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of BAT54S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X